Part Number Hot Search : 
SSP2FRQ 1N746A B230LA08 1AZ13 ADXL343 AS22CH IRFF9110 T690N
Product Description
Full Text Search
 

To Download MBRF30100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION.
A
MBRF30100CT
SCHOTTKY BARRIER TYPE DIODE
C
Average Output Rectified Current : IO=30A. Repetitive Peak Reverse Voltage : VRRM=100V. Fast Reverse Recovery Time : trr=35ns.
E G B
P
FEATURES
S
DIM A B C D E F
G H J K L M N P Q R H S
K
L
L
R
M D D J
MILLIMETERS _ 10.0 + 0.3 _ 15.0 + 0.3 _ 2.70 + 0.3 0.76+0.09/-0.05 _ 3.2 + 0.2 _ 3.0 + 0.3 _ 12.0 + 0.3 0.5+0.1/-0.05 _ 13.6 + 0.5 _ 3.7 + 0.2 1.2+0.25/-0.1 1.5+0.25/-0.1 _ 2.54 + 0.1 _ 6.8 + 0.1 _ 4.5 + 0.2 _ 2.6 + 0.2
0.5 Typ
N
N
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO RATING 100 30 UNIT V A
1 2 3 Q
F
1. ANODE 2. CATHODE 3. ANODE
IFSM Tj Tstg
350 -40 150 -55 150
A
TO-220IS
Note : average forward current of centertap full wave connection.
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance Note : A value of one cell (Note) (Note) (Note) (Note)
)
TEST CONDITION IFM=15A VRRM=Rated IFM=1.0A, di/dt=-30A/ Juction to Case MIN. TYP. MAX. 0.85 150 35 2.5 ns /W UNIT V
SYMBOL VFM IRRM trr Rth(j-c)
2007. 10. 30
Revision No : 1
1/2
MBRF30100CT
IF - VF
30
IR - VR
REVERSE CURRENT IR (A)
100
FORWARD CURRENT IF (A)
10 5.0 3.0
Tj =25 C
10
T j =25 C
1.0
0.1
1.0 0.5 0 0.2 0.4 0.6 0.8 1.0
0.01 0 20 40 60 80 100
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT IF(AV) (A)
35 30 25 20
DC RATED VOLTAGE APPLIED R JC = 2.5 C/W
AVERAGE FORWARD CURRENT IF(AV) (A)
IF - TC
IF - TA
16
RATED VOLTAGE APPLIED R JA=16 C/W R JA=60 C/W (NO HEAT SINK)
12
8
DC
15 10 5 0 70
4
DC
0 0 20 40 60 80 100 120 140 160
90
110
130
150
170
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION PF(AV) (W)
PF(AV) - IF(AV)
30 25 20 15 10 5 0 0 5 10 15 20 25 30
DC
AVERAGE FORWARD CURRENT IF(AV) (A)
2007. 10. 30
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of MBRF30100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X